Part Number Hot Search : 
T1122 UES702 HVL43 GBPC25 206VDC MG300 SM6K2 BZX85
Product Description
Full Text Search
 

To Download GFSH928F183 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
catalog a-001 re v a1












a-001 rev. a1 modular goldfish hood 13 modular cable clamp system ? using multiple cable clamps ? less skewing on wire ? clamp different awg wire sizes separately for more information, contact technical sales. contact information listed on the back cover. top view inner view rear view new!

introducing precision-formed female signal contacts for the goldfsh connector series. a lower cost and lower mating force signal contact option. with precision-formed female signal contacts gfsh928f-series: fully-populated with eighteen (18) size 16 power contacts and twenty-eight (28) size 22 signal contacts.* materials and finishes: insulator: glass-flled nylon, ul 94v-0. size 16 contacts: precision machined copper alloy with gold over nickel plate. size 22 contacts: precision formed copper alloy with selective gold over nickel plate at mating end, and tin over nickel plate at termination end. electrical characteristics: contact current ratings (per ul 1977): size 16 contacts: 20 amperes, continuous. (standard contacts) 30 amperes, continuous. (high conductive contacts). size 22 contacts: 1 amperes, nominal. initial contact resistance (max.) per iec 512-2, test 2b: size 16 contacts: 0.003 ohms. (standard contacts). 0.001 ohms. (high conductive). size 22 contacts: 0.009 ohms. insulator resistance (per iec 512-2, test 3a): 5 g ohms min. proof voltage: power contacts: 1500 v r.m.s. (gfsh928) 1300 v r.m.s. (gfsh624) signal contacts: 1000 v r.m.s. working voltage power contacts: 500 v r.m.s. (gfsh928) 150 v r.m.s. (gfsh624) signal contacts: 333 v r.m.s. mechanical characteristics: blind mating system: molded in guides allow for misalignment up to 2.00 mm [0.079 inch]. polarization: provided by insulator. fixed contacts: size 16 female contacts feature closed entry 1,000 cycles design for both straight & right angle (90) pcb mount. size 22 female contacts feature open entry 250 cycle design (for both straight & right angle (90) pcb mount. contact retention in insulator (fxed): power contacts: 45 n [10 ibs.] min. signal contacts: 27 n [6 ibs.] min. climatic characteristics: working temperature: -55 to +125c. * to order specify pa688 in step 6 of the goldfish ordering information for female connectors with precision formed signal contacts. contact sales for more details. catalog a-009 rev. nc gfsh624f-series: fully-populated with six (6) size 16 power contacts and twenty four (24) size 22 signal contacts.* new! goldfish series
?1.60 [?0.063] 4.50 [0.177 ] 6.49 [0.256] 10.74 [0.423] 14.99 [0.590] 4.50 [0.177 ] 6.49 [0.255] 14.99 [0.590] 12.16 [0.479] 9.32 [0.367] ?0.70 [?0.028] ?0.70 [?0.028] ?0.70 [?0.028] positronic industries, inc 423 n campbell avenue, p o box 8247, springfeld, mo 65801, usa telephone: 1 417 866 2322 fax: 1 417 866 4115 email: info@connectpositronic.com positronic industries, sas zone industrielle est, 46 route dengachies, f32020, auch cedex 9, france telephone: 33 (0) 5 62 63 44 91 telecopieur: 33 (0) 5 62 63 51 17 email: contact@connectpositronic.com positronic asia pte ltd 3014a ubi road 1 # 07-01 singapore 408703 telephone: 65 6842 1419 fax: 65 6842 1421 email: singapore@connectpositronic.com positronic website : http://www.connectpositronic.com contact termination dimensions goldfsh 928 right angle (90?) pcb mount goldfsh 928 right angle (90?) pcb mount goldfsh 928 straight pcb mount goldfsh 928 straight pcb mount size 16 contacts size 22 contacts size 16 contacts size 22 contacts size 16 contacts size 22 contacts size 16 contacts size 22 contacts goldfsh 624 right angle (90?) pcb mount goldfsh 624 right angle (90?) pcb mount goldfsh 624 straight pcb mount goldfsh 624 straight pcb mount dim suggested size for use a ?1.14 [0.045] size 22 contact terminals. b ?2.11 [0.083] size 16 contact terminals. c1 ?2.54 [0.100] mounting connector with screws. c2 ?3.96 [0.156] mounting connector with screws. d1 ?3.120.08 [0.1230.003] mounting connector with push-on fasteners. d2 ?3.960.08 [0.1560.003] mounting connector with push-on fasteners. e ?3.12 [0.123] mounting connector with push-on fasteners. specify pa688 in step 6 of goldfish ordering information for connector with precision formed signal contacts. example: gfsh928f4h-pa688. available in female connectors only. contact hole patterns ?1.60 [?0.063] 3.75 [0.148] 12.13 [0.478] 7.89 [0.311] 3.75 [0.148] ?0.70 [?0.028] 10.00 [0.394 ] 12.70 [0.500 ] 7.30 [0.287]









▲Up To Search▲   

 
Price & Availability of GFSH928F183

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X